Part Number Hot Search : 
MOC21 7S11BMT 2SD188 HD74LV08 F1A1G 2SK24607 AUY14A2 NCE0157D
Product Description
Full Text Search
 

To Download SMDJ100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca. u.s.a. 92253 tel: 760-564-8656 ? fax: 760-564-2414 smdj series surface mount transient voltage suppressor voltage-5.0 to 170 volts 3000 watt peak pulse power features ? for surface mounted applications in order to optimize board space ? low profile package ? built-in strain relief ? glass passivated junction ? low inductance ? excellent clamping capability ? repetition rate (duty cycle):0.01% ? fast response time: typically less than 1.0 ps from 0 volts to bv for unidirectional types ? typical ir less than 1a above 10v ? high temperature soldering: 250c/10 seconds at terminals ? plastic package has underwriters laboratory flammability classification 94 v-o mechanical data case: jedec do214ab. molded plastic over glass passivated junction terminals: solder plated, solderable per mil-std-750, method 2026 polarity: color band denoted positive end (cathode) except bidirectional standard packaging: 12mm tape (eia std rs-481) weight: 0.007 ounces, 0.021 grams) devices for bipolar applications for bidirectional use c or ca suffix for types smdj5.0 thru types smdj170 (e.g. smdj5.0c, smdj170ca) electrical characteristics apply in both directions. maximum ratings and characteristics ratings at 25c ambient temperature unless otherwise specified. rating symbol v alue units peak pulse power dissipation on 10/1000 s waveform (note 1, 2, fig.1) ippm see table 1 amps superimposed on rated load, (jedec method)(note2, 3) operatings and storage temperature range tj, tstg -55 +150 c notes: 1. non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig.2. 2. mounted on copper pad area of 0.8x0.8" (20x20mm) per fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum. p ppm minimum 3000 watts peak pulse current of on 10/1000 s waveform (note 1,fig 3) i fsm 100 amps peak forward surge current, 8.3ms single half sine-wave 8/6/2002
mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 rating and characteristic curves smdj series figure 1 peak pulse power vs pulse time t d - pulse duration - s 100 10 1.0 0.1 100,000 0.1 1 10 ppp - peak pulse power - kilowatts 100 1,000 10,000 3,000w, 10/1000 s wave sha p e 8/6/2002
mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 3000 watt surface mount tvs uni- directional part number device marking code uni-polar device marking code bi - polar reverse standoff voltage vrwm (v) breakdown voltage vbr (v) min. @ it breakdown voltage vbr (v) max. @ it test current (it) ma maximum clamping voltage @ipp vc (v) peak pulse current ipp (a) reverse leakage @ vrwm ir (a) smdj5.0 rdd ddd 5.00 6.40 7.30 10 9.6 312.5 800 smdj5.0a rde dde 5.00 6.40 7.00 10 9.2 326.1 800 smdj6.0 rdf ddf 6.00 6.67 8.15 10 11.4 263.2 800 smdj6.0a rdg ddg 6.00 6.67 7.37 10 10.3 291.3 800 smdj6.5 rdh ddh 6.50 7.22 8.82 10 12.3 243.9 500 smdj6.5a rdk ddk 6.50 7.22 7.98 10 11.2 267.9 500 smdj7.0 pdl ddl 7.00 7.78 9.51 10 13.3 225.6 200 smdj7.0a pdm ddm 7.00 7.78 8.60 10 12.0 250.0 200 smdj7.5 pdn ddn 7.50 8.33 10.20 1 14.3 209.8 100 smdj7.5a pdp ddp 7.50 8.33 9.21 1 12.9 232.6 100 smdj8.0 pdq ddq 8.00 8.89 10.90 1 15.0 200.0 50 smdj8.0a pdr ddr 8.00 8.89 9.83 1 13.6 220.6 50 smdj8.5 pds dds 8.50 9.44 11.50 1 15.9 188.7 20 smdj8.5a pdt ddt 8.50 9.44 10.40 1 14.4 208.3 20 smdj9.0 pdu ddu 9.00 10.00 12.20 1 16.9 177.5 10 smdj9.0a pdv ddv 9.00 10.00 11.10 1 15.4 194.8 10 smdj10 pdw ddw 10.00 11.10 13.60 1 18.8 159.6 5 smdj10a pdx ddx 10.00 11.10 12.30 1 17.0 176.5 5 smdj11 pdy ddy 11.00 12.20 14.90 1 20.1 149.3 5 smdj11a pdz ddz 11.00 12.20 13.50 1 18.2 164.8 5 smdj12 ped ded 12.00 13.30 16.30 1 22.0 136.4 5 smdj12a pee dee 12.00 13.30 14.70 1 19.9 150.8 5 smdj13 pef def 13.00 14.40 17.60 1 23.8 126.1 5 smdj13a peg deg 13.00 14.40 15.90 1 21.5 139.5 5 smdj14 peh deh 14.00 15.60 19.10 1 25.8 116.3 5 smdj14a pek dek 14.00 15.60 17.20 1 23.2 129.3 5 smdj15 pel del 15.00 16.70 20.40 1 26.9 111.5 5 smdj15a pem dem 15.00 16.70 18.50 1 24.4 123.0 5 smdj16 pen den 16.00 17.80 21.80 1 28.8 104.2 5 smdj16a pep dep 16.00 17.80 19.70 1 26.0 115.4 5 smdj17 peq deq 17.00 18.90 23.10 1 30.5 98.4 5 smdj17a per der 17.00 18.90 20.90 1 27.6 108.7 5 smdj18 pes des 18.00 20.00 24.40 1 32.2 93.2 5 smdj18a pet det 18.00 20.00 22.10 1 29.2 102.7 5 smdj20 peu deu 20.00 22.20 27.10 1 35.8 83.8 5 smdj20a pev dev 20.00 22.20 24.50 1 32.4 92.6 5 smdj22 pew dew 22.00 24.40 29.80 1 39.4 76.1 5 smdj22a pex dex 22.00 24.40 26.90 1 35.5 84.5 5 smdj24 pey dey 24.00 26.70 32.60 1 43.0 69.8 5 smdj24a pez dez 24.00 26.70 29.50 1 38.9 77.1 5 smdj26 pfd dfd 26.00 28.90 35.30 1 46.6 64.4 5 smdj26a pfe dfe 26.00 28.90 31.90 1 42.1 71.3 5 smdj28 pff dff 28.00 31.10 38.00 1 50.1 59.5 5 smdj28a pfg dfg 28.00 31.10 34.40 1 45.4 66.1 5 smdj30 pfh dfh 30.00 33.30 40.70 1 53.5 56.1 5 smdj30a pfk dfk 30.00 33.30 36.80 1 48.4 62.0 5 smdj33 pfl dfl 33.00 36.70 44.90 1 59.0 50.8 5 smdj33a pfm dfm 33.00 36.70 40.60 1 53.3 56.3 5 8/6/2002
mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 3000 watt surface mount tvs uni- directional part number device marking code uni-polar device marking code bi - polar reverse standoff voltage vrwm (v) breakdown voltage vbr (v) min. @ it breakdown voltage vbr (v) max. @ it test current (it) ma maximum clamping voltage @ipp vc (v) peak pulse current ipp (a) reverse leakage @ vrwm ir (a) smdj36 pfn dfn 36.00 40.00 48.90 1 64.3 46.7 5 smdj36a pfp dfp 36.00 40.00 44.20 1 58.1 51.6 5 smdj40 pfq dfq 40.00 44.40 54.30 1 71.4 42.0 5 smdj40a pfr dfr 40.00 44.40 49.10 1 64.5 46.5 5 smdj43 pfs dfr 43.00 47.80 58.40 1 76.7 39.1 5 smdj43a pft dft 43.00 47.80 52.80 1 69.4 43.2 5 smdj45 pfu dfu 45.00 50.00 61.10 1 80.3 37.4 5 smdj45a pfv dfv 45.00 50.00 55.30 1 72.7 41.3 5 smdj48 pfw dfw 48.00 53.30 65.20 1 85.5 35.1 5 smdj48a pfx dfx 48.00 53.30 58.90 1 77.4 38.8 5 smdj51 pfy dfy 51.00 56.70 69.30 1 91.1 32.9 5 smdj51a pfz dfz 51.00 56.70 62.70 1 82.4 36.4 5 smdj54a pgd dgd 54.00 60.00 73.30 1 96.3 31.2 5 smdj54a pge dge 54.00 60.00 66.30 1 87.1 34.4 5 smdj58 pgf dgf 58.00 64.40 78.70 1 103.0 29.1 5 smdj58a pgg dgg 58.00 64.40 71.20 1 93.6 32.1 5 smdj60 pgh dgh 60.00 66.70 81.50 1 107.0 28.0 5 smdj60a pgk dgk 60.00 66.70 73.70 1 96.8 31.0 5 smdj64 pgl dgl 64.00 71.10 86.90 1 114.0 26.3 5 smdj64a pgm dgm 64.00 71.10 78.60 1 103.0 29.1 5 smdj70 pgn dgn 70.00 77.80 95.10 1 125.0 24.0 5 smdj70a pgp dgp 70.00 77.80 86.00 1 113.0 26.5 5 smdj75 pgq dgq 75.00 83.30 102.00 1 134.0 22.4 5 smdj75a pgr dgr 75.00 83.30 92.10 1 121.0 24.8 5 smdj78 pgs dgs 78.00 86.70 106.00 1 139.0 21.6 5 smdj78a pgt dgt 78.00 86.70 95.80 1 126.0 23.8 5 smdj85 pgu dgu 85.00 94.40 115.00 1 151.0 19.9 5 smdj85a pgv dgv 85.00 94.40 104.00 1 137.0 21.9 5 smdj90 pgw dgw 90.00 100.00 122.00 1 160.0 18.8 5 smdj90a pgx dgx 90.00 100.00 111.00 1 146.0 20.5 5 smdj100 pgy dgy 100.00 111.00 136.00 1 179.0 16.8 5 SMDJ100A pgz dgz 100.00 111.00 123.00 1 162.0 18.5 5 smdj110 phd dhd 110.00 122.00 149.00 1 196.0 15.3 5 smdj110a phe dhe 110.00 122.00 135.00 1 177.0 16.9 5 smdj120 phf dhf 120.00 133.00 163.00 1 214.0 14.0 5 smdj120a phg dhg 120.00 133.00 147.00 1 193.0 15.5 5 smdj130 phh dhh 130.00 144.00 176.00 1 230.0 13.0 5 smdj130a phk dhk 130.00 144.00 159.00 1 209.0 14.4 5 smdj150 phl dhl 150.00 167.00 204.00 1 268.0 11.2 5 smdj150a phm dhm 150.00 167.00 185.00 1 243.0 12.3 5 smdj160 phn dhn 160.00 178.00 218.00 1 287.0 10.5 5 smdj160a php dhp 160.00 178.00 197.00 1 259.0 11.6 5 smdj170 phq dhq 170.00 189.00 231.00 1 304.0 9.9 5 smdj170a phr dhr 170.00 189.00 209.00 1 275.0 10.9 5 for bidirectional type having vrwm of 10volts and less, the ir limit is double. 8/6/2002


▲Up To Search▲   

 
Price & Availability of SMDJ100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X